Part Number Hot Search : 
65120 SM160312 S6520 65120 1YN0811A 65120 H22B5 MPU131
Product Description
Full Text Search
 

To Download SKB2506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? by semikron b 11 C 19 power bridge rectifiers skb 25 skd 25 skb skd features square plastic case with isolated metal base plate and fast-on connectors blocking voltage to 1600 v high surge currents skb = single phase bridge rectifier skd = three phase bridge rectifier easy chassis mounting ul recognized, file no. e 63 532 typical applications single and three phase rectifiers for power supplies input rectifiers for variable frequency drives rectifiers for dc motor field supplies battery charger rectifiers v rsm i d (t case = ...) v rrm 17 a = (75 c) 20 a (73 c) types r min types r min v ww 100 skb 25/01 0,1 C C 200 skb 25/02 0,15 skd 25/02 0,15 400 skb 25/04 0,3 skd 25/04 0,3 600 skb 25/06 0,5 C C 800 skb 25/08 0,7 skd 25/08 0,7 1200 skb 25/12 1 skd 25/12 1 1400 skb 25/14 1,2 skd 25/14 1,2 1600 skb 25/16 1,5 skd 25/16 1,5 symbol conditions skb 25 skd 25 units i d t amb = 45 c; isolated 1) 3,5 3,5 a chassis 2) 10 12 a r4a/120 14 15 a p1a/120 17 20 a i dcl t amb = 45 c; isolated 1) 33,5a chassis 2) 9,5 12 a r4a/120 12 15 a p1a/120 14 20 a i fsm t vj = 25 c, 10 ms 370 a t vj = 150 c, 10 ms 320 a i 2 tt vj = 25 c, 8,3...10 ms 680 a 2 s t vj = 150 c, 8,3...10 ms 500 a 2 s v f t vj = 25 c; i f = 150 a 2,2 v v (to) t vj = 150 c 0,85 v r t t vj = 150 c12m w i rd t vj = 25 c; v rd = v rrm 0,3 ma t vj = 150 c; v rd = v rrm 5ma t rr t vj = 25 ctyp. 10 m s f g 2000 hz r thjc total 2 1,75 c/w r thch total 0,15 c/w r thja isolated 1) 15 c/w chassis 2) 4,7 c/w r4a/120 3,6 c/w p1a/120 2,75 c/w t vj C 40...+ 150 c t stg C 55...+ 150 c v isol a.c. 50...60 hz; r.m.s.; 1 s/ 1 min 3000 / 2500 v ~ rc p r = 1 w 50 w 0,1 m f fu 20 a m 1 to heatsink si units 2 15 % nm us units 18 15 % lb. in. w2426g case g 10 g 11 1) freely suspended or mounted on an insulator 2) mounted on a painted metal sheet of min. 250 x 250 x 1 mm 0896
? by semikron b 11 C 20
? by semikron b 11 C 21
? by semikron b 11 C 22


▲Up To Search▲   

 
Price & Availability of SKB2506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X